Part Number Hot Search : 
YAAMUA 20001 MC1206 1H101 00BGI RB4812 25U4035 82801
Product Description
Full Text Search
 

To Download BYV95A05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYV95A - BYV96E
PRV : 200 - 1000 Volts Io : 1.5 Amperes
FEATURES : * High current capability * High surge current capability * High reliability * Low reverse current * Low forward voltage drop * Fast switching for high efficiency
* Pb / RoHS Free
AVALANCHE FAST RECOVERY RECTIFIER DIODES D2
0.161 (4.10) 0.154 (3.90)
1.00 (25.4) MIN.
0.284 (7.21) 0.268 (6.81)
MECHANICAL DATA : * Case : D2 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.465 gram
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 50 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS voltage Maximum DC Blocking Voltage Min. Avalanche Breakdown Voltage @ 100 A Maximum Average Forward Rectified Current Lead Length 10 mm. ; Ttp = 65 C Peak Forward Surge Current single half sine wave superimposed on rated load Maximum Forward Voltage at IF = 3.0 Amps. Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note 2) Junction Temperature Range Storage Temperature Range Notes : TJ = 25 C TJ = 165 C
SYMBOL BYV95A BYV95B BYV95C BYV96D BYV96E UNIT
VRRM VRMS VDC VBR(min.) IF(AV) IFSM VF IR IR(H) Trr RJA TJ TSTG 250 50 175 - 65 to + 175 200 140 200 300 400 280 400 500 600 420 600 700 1.5 35 1.6 5.0 150 300 800 560 800 900 1000 700 1000 1100 V V V V A A V
A A
ns C/W C C
Maximum Reverse Recovery Time ( Note 1 )
(1) Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A (2) Thermal resistance from Junction to Ambient at 0.375" (9.5mm) Lead Lengths, P.C. Board Mounted.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( BYV95A - BYV96E )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50 10 + 0.5 D.U.T. 50 Vdc (approx) 1 PULSE GENERATOR ( NOTE 2 ) OSCILLOSCOPE ( NOTE 1 ) 0 - 0.25 Trr
+
- 1.0 A SET TIME BASE FOR 50/100 ns/cm
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF. 2. Rise time = 10 ns max., Source Impedance = 50 ohms. 3. All Resistors = Non-inductive Types.
1
FIG.2 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
1.5
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
50
1.2
PEAK FORWARD SURGE CURRENT, AMPERES
0 25 50 75 100 125 150 175
40
0.9
30
0.6
20
0.3
10
0
0
1
2
4
6
10
20
40
60
100
TIE-POINT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 50Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS FORWARD CURRENT, AMPERES
10
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
10 TJ = 125 C
TJ = 100 C 1.0
TJ = 25 C
REVERSE CURRENT, MICROAMPERES
1.0
0.1 Pulse W idth = 300 s 2% Duty Cycle 0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0.1 TJ = 25 C
0.01 0 20 40 60 80 100 120 140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%)
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of BYV95A05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X